| Moteur de recherche de fiches techniques de composants électroniques |
|
H838024 Fiches technique(PDF) 68 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838024 Fiches technique(HTML) 68 Page - Renesas Technology Corp |
|
68 / 697 page ![]() Section 2 CPU Rev. 7.00 Mar 10, 2005 page 26 of 652 REJ09B0042-0700 2.1.2 Address Space The H8/300L CPU supports an address space of up to 64 Kbytes for storing program code and data. See section 2.8, Memory Map, for details of the memory map. 2.1.3 Register Configuration Figure 2.1 shows the register structure of the H8/300L CPU. There are two groups of registers: the general registers and control registers. 70 70 15 0 76543210 IU H U N Z V C PC R0H R1H R2H R3H R4H R5H R6H R7H R0L R1L R2L R3L R4L R5L R6L R7L (SP) [Legend] SP: Stack pointer PC: Program counter CCR: Condition code register I: Interrupt mask bit U: User bit H: Half-carry flag N: Negative flag Z: Zero flag V: Overflow flag C: Carry flag CCR General registers (Rn) Control registers (CR) Figure 2.1 CPU Registers |