Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F690-E/ML Fiches technique(PDF) 80 Page - Microchip Technology

No de pièce PIC16F690-E/ML
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690-E/ML Fiches technique(HTML) 80 Page - Microchip Technology

Back Button PIC16F690-E/ML Datasheet HTML 76Page - Microchip Technology PIC16F690-E/ML Datasheet HTML 77Page - Microchip Technology PIC16F690-E/ML Datasheet HTML 78Page - Microchip Technology PIC16F690-E/ML Datasheet HTML 79Page - Microchip Technology PIC16F690-E/ML Datasheet HTML 80Page - Microchip Technology PIC16F690-E/ML Datasheet HTML 81Page - Microchip Technology PIC16F690-E/ML Datasheet HTML 82Page - Microchip Technology PIC16F690-E/ML Datasheet HTML 83Page - Microchip Technology PIC16F690-E/ML Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 78
© 2007 Microchip Technology Inc.
4.5.5
RC4/C2OUT/P1B
The RC4/C2OUT/P1B(1, 2) is configurable to function
as one of the following:
• a general purpose I/O
• a digital output from Comparator C2
• a PWM output
FIGURE 4-13:
BLOCK DIAGRAM OF RC4
4.5.6
RC5/CCP1/P1A
The RC5/CCP1/P1A(1) is configurable to function as
one of the following:
• a general purpose I/O
• a digital input/output for the Enhanced CCP
• a PWM output
FIGURE 4-14:
BLOCK DIAGRAM OF RC5
Note 1: Enabling both C2OUT and P1B will cause
a conflict on RC4 and create unpredictable
results. Therefore, if C2OUT is enabled,
the ECCP+ can not be used in Half-Bridge
or Full-Bridge mode and vise-versa.
2: P1B is available on
PIC16F685/PIC16F690 only.
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
RD
PORTC
Available on PIC16F685/PIC16F690 only.
C2OUT EN
CCP1OUT EN
C2OUT EN
C2OUT
CCP1OUT EN
CCP1OUT
I/O Pin
0
1
1
0
Note 1: CCP1
and
P1A
are
available
on
PIC16F685/PIC16F690 only.
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data bus
WR
PORTC
WR
TRISC
RD
TRISC
To Enhanced CCP
RD
PORTC
Available on PIC16F685/PIC16F690 only.
CCP1OUT
CCP1OUT
Enable
0
1
1
0
I/O Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More