| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F2012AT30E/SO Fiches technique(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012AT30E/SO Fiches technique(HTML) 14 Page - Microchip Technology |
|
14 / 205 page ![]() ds PIC30F2011/2012/3012/3013 DS70139E-page 12 © 2006 Microchip Technology Inc. FIGURE 1-3: dsPIC30F3012 BLOCK DIAGRAM Power-up Timer Oscillator Start-up Timer POR/BOR Reset Watchdog Timer Instruction Decode & Control OSC1/CLKI MCLR VDD, VSS PGD/EMUD/AN4/U1TX/SDO1/SCL/CN6/RB4 Low-Voltage Detect UART1 Timing Generation PGC/EMUC/AN5/U1RX/SDI1/SDA/CN7/RB5 16 PCH PCL Program Counter ALU<16> 16 24 24 24 24 X Data Bus IR I2C™ AN6/SCK1/INT0/OCFA/RB6 EMUD2/AN7/OC2/IC2/INT2/RB7 PCU 12-bit ADC Timers Input Capture Module Output Compare Module EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14 EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13 PORTB PORTD 16 16 16 16 x 16 W Reg Array Divide Unit Engine DSP Decode ROM Latch 16 Y Data Bus Effective Address X RAGU X WAGU Y AGU EMUD3/AN0/VREF+/CN2/RB0 EMUC3/AN1/VREF-/CN3/RB1 AN2/SS1/LVDIN/CN4/RB2 AN3/CN5/RB3 OSC2/CLKO/RC15 AVDD, AVSS 16 16 16 16 16 PORTC 16 16 16 16 8 Interrupt Controller PSV & Table Data Access Control Block Stack Control Logic Loop Control Logic Data Latch Data Latch Y Data (1 Kbytes) RAM X Data (1 Kbytes) RAM Address Latch Address Latch EMUC2/OC1/IC1/INT1/RD0 16 SPI1 Address Latch Program Memory (24 Kbytes) Data Latch 16 Data EEPROM (1 Kbytes) |