Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F2012AT30E/SO Fiches technique(PDF) 34 Page - Microchip Technology

No de pièce DSPIC30F2012AT30E/SO
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT30E/SO Fiches technique(HTML) 34 Page - Microchip Technology

Back Button DSPIC30F2012AT30E/SO Datasheet HTML 30Page - Microchip Technology DSPIC30F2012AT30E/SO Datasheet HTML 31Page - Microchip Technology DSPIC30F2012AT30E/SO Datasheet HTML 32Page - Microchip Technology DSPIC30F2012AT30E/SO Datasheet HTML 33Page - Microchip Technology DSPIC30F2012AT30E/SO Datasheet HTML 34Page - Microchip Technology DSPIC30F2012AT30E/SO Datasheet HTML 35Page - Microchip Technology DSPIC30F2012AT30E/SO Datasheet HTML 36Page - Microchip Technology DSPIC30F2012AT30E/SO Datasheet HTML 37Page - Microchip Technology DSPIC30F2012AT30E/SO Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 32
© 2006 Microchip Technology Inc.
FIGURE 3-6:
DATA SPACE WINDOW INTO PROGRAM SPACE OPERATION
23
15
0
PSVPAG(1)
15
15
EA<15> = 0
EA<15> = 1
16
Data
Space
EA
Data Space
Program Space
8
15
23
0x0000
0x8000
0xFFFF
0x00
0x001FFF
Data Read
Upper Half of Data
Space is Mapped
into Program Space
0x001200
Address
Concatenation
BSET
CORCON,#2
; Set PSV bit
MOV
#0x0, W0
; Set PSVPAG register
MOV
W0, PSVPAG
MOV
0x9200, W0 ; Access program memory location
; using a data space access
Note 1: PSVPAG is an 8-bit register, containing bits <22:15> of the program space address.
0x000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More