| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F883-E/PSQTP Fiches technique(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/PSQTP Fiches technique(HTML) 16 Page - Microchip Technology |
|
16 / 288 page ![]() PIC16F882/883/884/886/887 DS41291D-page 14 Preliminary © 2007 Microchip Technology Inc. FIGURE 1-1: PIC16F882/883/886 BLOCK DIAGRAM Flash Program Memory 13 Data Bus 8 Program Bus Instruction Reg Program Counter RAM File Registers Direct Addr 7 RAM Addr 9 Addr MUX Indirect Addr FSR Reg STATUS Reg MUX ALU W Reg Instruction Decode & Control Timing Generation OSC1/CLKIN OSC2/CLKOUT 8 8 8 3 8-Level Stack 128(2)/256(1)/ 2K(2)/4K(1)/ (13-Bit) Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer MCLR VSS Brown-out Reset Timer0 Timer1 Data EEPROM 128(2)/ EEDATA EEADDR T0CKI T1CKI Configuration Internal Oscillator T1G VDD 8 Timer2 ECCP Block 2 Analog Comparators VREF+ and Reference Analog-To-Digital Converter (ADC) PORTA PORTC RC0 RC1 RC2 RC3 RC4 RC5 RC6 RC7 PORTB EUSART PORTE RE3 RA0 RA1 RA2 RA3 RA4 RA5 RA6 RA7 RB0 RB1 RB2 RB3 RB4 RB5 RB6 RB7 Timer1 32 kHz Oscillator Master Synchronous Serial Port (MSSP) CCP2 CCP2 VREF- 14 Note 1: PIC16F883 only. 2: PIC16F882 only. VREF+ VREF- CVREF In-Circuit Debugger (ICD) T1OSI T1OSO 8K X 14 368 Bytes 256 Bytes |