Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F883-E/PSQTP Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce PIC16F883-E/PSQTP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/PSQTP Fiches technique(HTML) 12 Page - Microchip Technology

Back Button PIC16F883-E/PSQTP Datasheet HTML 8Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 9Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 10Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 11Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 12Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 13Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 14Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 15Page - Microchip Technology PIC16F883-E/PSQTP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 10
Preliminary
© 2007 Microchip Technology Inc.
Pin Diagrams – PIC16F884/887, 44-Pin TQFP
44-pin TQFP
10
11
2
3
6
1
8
7
29
30
31
32
33
23
24
25
26
27
28
9
5
4
PIC16F884/887
NC
RC0/T1OSO/T1CKI
RA6/OSC2/CLKOUT
RA7/OSC1/CLKIN
VSS
VDD
RE2/AN7
RE1/AN6
RE0/AN5
RA5/AN4/SS/C2OUT
RA4/T0CKI/C1OUT
RC7/RX/DT
RD4
RD5/P1B
RD6/P1C
RD7/P1D
VSS
VDD
RB0/AN12/INT
RB1/AN10/C12IN3-
RB2/AN8
RB3/AN9/PGM/C12IN2-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More