Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F635-E/ML Fiches technique(PDF) 80 Page - Microchip Technology

No de pièce PIC12F635-E/ML
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/ML Fiches technique(HTML) 80 Page - Microchip Technology

Back Button PIC12F635-E/ML Datasheet HTML 76Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 77Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 78Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 79Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 80Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 81Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 82Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 83Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 78
© 2007 Microchip Technology Inc.
FIGURE 7-8:
COMPARATOR
INTERRUPT TIMING W/O
CMCON0 READ
FIGURE 7-9:
COMPARATOR
INTERRUPT TIMING WITH
CMCON0 READ
Note 1: If a change in the CMCON0 register
(CxOUT) should occur when a read
operation is being executed (start of the
Q2 cycle), then the CxIF of the PIR1
register interrupt flag may not get set.
2: When either comparator is first enabled,
bias circuitry in the Comparator module
may cause an invalid output from the
comparator until the bias circuitry is stable.
Allow about 1
μs for bias settling then clear
the mismatch condition and interrupt flags
before enabling comparator interrupts.
Q1
Q3
CIN+
CxOUT
Set CxIF (level)
CxIF
TRT
reset by software
Q1
Q3
CIN+
CxOUT
Set CxIF (level)
CxIF
TRT
reset by software
cleared by CMCON0 read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More