Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F635-E/ML Fiches technique(PDF) 46 Page - Microchip Technology

No de pièce PIC12F635-E/ML
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/ML Fiches technique(HTML) 46 Page - Microchip Technology

Back Button PIC12F635-E/ML Datasheet HTML 42Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 43Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 44Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 45Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 46Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 47Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 48Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 49Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 44
© 2007 Microchip Technology Inc.
3.7.3
CHECKING TWO-SPEED CLOCK
STATUS
Checking the state of the OSTS bit of the OSCCON
register will confirm if the microcontroller is running
from the external clock source, as defined by the
FOSC<2:0> bits in the Configuration Word register
(CONFIG), or the internal oscillator.
FIGURE 3-7:
TWO-SPEED START-UP
0
1
1022 1023
PC + 1
TOST
T
HFINTOSC
OSC1
OSC2
Program Counter
System Clock
PC - N
PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More