| Moteur de recherche de fiches techniques de composants électroniques |
|
DWB-SJS-R1 Fiches technique(PDF) 5 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
DWB-SJS-R1 Fiches technique(HTML) 5 Page - DOMINANT Semiconductors |
|
5 / 15 page ![]() 04/04/2006 V9.0 5 InGaN : DWx DOMINANT TM Semiconductors Innovating Illumination Unit Absolute Maximum Ratings Maximum Value DC forward current Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.1) Reverse voltage; Ir (max) = 10µA ESD thereshold (HBM) LED juction temperature Operating temperature Storage temperature Power dissipation (at room temperature) 30 200 5 2 125 -40 … +100 -40 … +100 135 mA mA V kV ˚C ˚C ˚C mW Vf Bining (Optional) Forward Voltage (V) Vf @ If = 30mA 3A 30 31 32 3.05 ... 3.35 3.35 ... 3.65 3.65 ... 3.95 3.95 ... 4.25 Forward voltage, Vf is measured with an accuracy of ± 0.1V. Please consult sales and marketing for special part number to incorporate Vf binning. |