| Moteur de recherche de fiches techniques de composants électroniques |
|
DWB-SJS-R1 Fiches technique(PDF) 4 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
DWB-SJS-R1 Fiches technique(HTML) 4 Page - DOMINANT Semiconductors |
|
4 / 15 page ![]() Typ. (V) Vf @ If = 30mA Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V. Electrical Characteristics at Ta=25˚C Max. (V) Vr @ Ir = 10uA Min. (V) Part Number DWB DWT, DWC 3.4 3.5 5 5 4.0 4.2 Group Dominant wavelength is measured with an accuracy of ± 1 nm. Wavelength Grouping Wavelength distribution (nm) Color DWT; True Green DWC; Cyan DWB; Blue Full W X Y Z Full W X Y Full W X Y 520 - 536 520 - 524 524 - 528 528 - 532 532 - 536 499 - 511 499 - 503 503 - 507 507 - 511 464 - 480 464 - 468 468 - 472 472 - 476 Min. (V) 3.05 3.05 InGaN : DWx DOMINANT TM Semiconductors Innovating Illumination 04/04/2006 V9.0 4 |