| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC10F206 Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F206 Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 96 page ![]() © 2007 Microchip Technology Inc. DS41239D-page 5 PIC10F200/202/204/206 1.0 GENERAL DESCRIPTION The PIC10F200/202/204/206 devices from Microchip Technology are low-cost, high-performance, 8-bit, fully- static, Flash-based CMOS microcontrollers. They employ a RISC architecture with only 33 single-word/ single-cycle instructions. All instructions are single cycle (1 μs) except for program branches, which take two cycles. The PIC10F200/202/204/206 devices deliver performance in an order of magnitude higher than their competitors in the same price category. The 12-bit wide instructions are highly symmetrical, result- ing in a typical 2:1 code compression over other 8-bit microcontrollers in its class. The easy-to-use and easy to remember instruction set reduces development time significantly. The PIC10F200/202/204/206 products are equipped with special features that reduce system cost and power requirements. The Power-on Reset (POR) and Device Reset Timer (DRT) eliminate the need for exter- nal Reset circuitry. INTRC Internal Oscillator mode is provided, thereby preserving the limited number of I/O available. Power-Saving Sleep mode, Watchdog Timer and code protection features improve system cost, power and reliability. The PIC10F200/202/204/206 devices are available in cost-effective Flash, which is suitable for production in any volume. The customer can take full advantage of Microchip’s price leadership in Flash programmable microcontrollers, while benefiting from the Flash programmable flexibility. The PIC10F200/202/204/206 products are supported by a full-featured macro assembler, a software simula- tor, an in-circuit debugger, a ‘C’ compiler, a low-cost development programmer and a full featured program- mer. All the tools are supported on IBM® PC and compatible machines. 1.1 Applications The PIC10F200/202/204/206 devices fit in applications ranging from personal care appliances and security systems to low-power remote transmitters/receivers. The Flash technology makes customizing application programs (transmitter codes, appliance settings, receiver frequencies, etc.) extremely fast and conve- nient. The small footprint packages, for through hole or surface mounting, make these microcontrollers well suited for applications with space limitations. Low cost, low power, high performance, ease-of-use and I/O flexibility make the PIC10F200/202/204/206 devices very versatile even in areas where no microcontroller use has been considered before (e.g., timer functions, logic and PLDs in larger systems and coprocessor applications). TABLE 1-1: PIC10F200/202/204/206 DEVICES PIC10F200 PIC10F202 PIC10F204 PIC10F206 Clock Maximum Frequency of Operation (MHz) 4 4 4 4 Memory Flash Program Memory 256 512 256 512 Data Memory (bytes) 16 24 16 24 Peripherals Timer Module(s) TMR0 TMR0 TMR0 TMR0 Wake-up from Sleep on Pin Change Yes Yes Yes Yes Comparators 0 0 1 1 Features I/O Pins 3 3 3 3 Input-Only Pins 1 1 1 1 Internal Pull-ups Yes Yes Yes Yes In-Circuit Serial Programming™ Yes Yes Yes Yes Number of Instructions 33 33 33 33 Packages 6-pin SOT-23 8-pin PDIP, DFN 6-pin SOT-23 8-pin PDIP, DFN 6-pin SOT-23 8-pin PDIP, DFN 6-pin SOT-23 8-pin PDIP, DFN The PIC10F200/202/204/206 devices have Power-on Reset, selectable Watchdog Timer, selectable code-protect, high I/O current capability and precision internal oscillator. The PIC10F200/202/204/206 device uses serial programming with data pin GP0 and clock pin GP1. |