Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC10F206 Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce PIC10F206
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F206 Fiches technique(HTML) 39 Page - Microchip Technology

Back Button PIC10F206 Datasheet HTML 35Page - Microchip Technology PIC10F206 Datasheet HTML 36Page - Microchip Technology PIC10F206 Datasheet HTML 37Page - Microchip Technology PIC10F206 Datasheet HTML 38Page - Microchip Technology PIC10F206 Datasheet HTML 39Page - Microchip Technology PIC10F206 Datasheet HTML 40Page - Microchip Technology PIC10F206 Datasheet HTML 41Page - Microchip Technology PIC10F206 Datasheet HTML 42Page - Microchip Technology PIC10F206 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
© 2007 Microchip Technology Inc.
DS41239D-page 37
PIC10F200/202/204/206
8.0
COMPARATOR MODULE
The comparator module contains one Analog
comparator. The inputs to the comparator are
multiplexed with GP0 and GP1 pins. The output of the
comparator can be placed on GP2.
The CMCON0 register, shown in Register 8-1, controls
the comparator operation. A block diagram of the
comparator is shown in Figure 8-1.
REGISTER 8-1:
CMCON0 REGISTER
R-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
CMPOUT
COUTEN
POL
CMPT0CS
CMPON
CNREF
CPREF
CWU
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
CMPOUT: Comparator Output bit
1 = VIN+ > VIN-
0 = VIN+ < VIN-
bit 6
COUTEN: Comparator Output Enable bit(1, 2)
1 = Output of comparator is NOT placed on the COUT pin
0 = Output of comparator is placed in the COUT pin
bit 5
POL: Comparator Output Polarity bit(2)
1 = Output of comparator not inverted
0 = Output of comparator inverted
bit 4
CMPT0CS: Comparator TMR0 Clock Source bit(2)
1 = TMR0 clock source selected by T0CS control bit
0 = Comparator output used as TMR0 clock source
bit 3
CMPON: Comparator Enable bit
1 = Comparator is on
0 = Comparator is off
bit 2
CNREF: Comparator Negative Reference Select bit(2)
1 = CIN- pin(3)
0 = Internal voltage reference
bit 1
CPREF: Comparator Positive Reference Select bit(2)
1 = CIN+ pin(3)
0 = CIN- pin(3)
bit 0
CWU: Comparator Wake-up on Change Enable bit(2)
1 = Wake-up on comparator change is disabled
0 = Wake-up on comparator change is enabled.
Note 1:
Overrides T0CS bit for TRIS control of GP2.
2:
When the comparator is turned on, these control bits assert themselves. When the comparator is off, these
bits have no effect on the device operation and the other control registers have precedence.
3:
PIC10F204/206 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com