Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WCDDC6AS Fiches technique(PDF) 5 Page - OTAX Corporation

No de pièce WCDDC6AS
Description  LOW PROFILE ROTARY DIP SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OTAX [OTAX Corporation]
Site Internet  http://www.otax.co.jp/ehome/eindex.htm
Logo OTAX - OTAX Corporation

WCDDC6AS Fiches technique(HTML) 5 Page - OTAX Corporation

  WCDDC6AS Datasheet HTML 1Page - OTAX Corporation WCDDC6AS Datasheet HTML 2Page - OTAX Corporation WCDDC6AS Datasheet HTML 3Page - OTAX Corporation WCDDC6AS Datasheet HTML 4Page - OTAX Corporation WCDDC6AS Datasheet HTML 5Page - OTAX Corporation WCDDC6AS Datasheet HTML 6Page - OTAX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
W
SERIES
DIGITAL ATTENUATOR DIP SWITCHES (HYBRID)
• Tremendous production cost saving because of
resistor network incorporated inside the
housing, which greatly contributes to VA/VE.
• Tremendous time and cost saving in
component part procurement and inventory
control.
• Space saving because of the same size as IC.
• Auto-insertion, Auto-soldering and Auto-
cleaning.
• Environmentally sealed.
• Most stable and reliable contact because of
extremely high contact pressure
mechanism(200kg/mm2).
Series
W A T S 5
Circuit of Resistor
Network
Type
T
Code
S
Actuator
Slide
Code
4
5
Bit
16 Step
32 Step
Impedance
Ohm
50
75
150
300
600
Case Color
Red
Orange
Green
Blue
Black
dB/step
B
C
✩
0.5dB
1.0dB
✩In case of Code B:
4 Bit type is available only
50
Ω and 600Ω.
5 Bit type is available only
75
Ω and 600Ω.
7
5 C
Attenuator
FEATURES
HOW TO ORDER
K
SERIES
ROTARY DIGITAL CODED DIP SWITCHES
• Exclusive knife-edge high contact
pressure(100kg/mm2) ensures stable contact,
giving immunity to accidental operation by
shock or vibration.
• High pressure 'edge' or 'point' contact is
capable enough to break possibly formed film
by oxidization or sulfurization, ensuring long life
expectancy of 20,000 cycles or more.
• Moulded-in terminals and fully sealed
construction offer flux-free flow-soldering and
automatic cleaning capabilities.
• Low profile and ruggedly constructed.
• 2.54mm terminal spacing allows direct PCB
mounting and also fits into standard IC
sockets.
• Miniaturized size allows high density mounting.
FEATURES
HOW TO ORDER
Special length shaft and D-cut shaft
are available on a custom basis.
Series
K D R 1
0
Code
S
D
W
M
E
Actuator
Shaft
Driver
Wheel
Mini Shaft
Shaft Panel Seal
Code
10
16
Step
10-Positons
16-Positons
Code
None
H
Type
Vertical
Horizontal
Code
R10
C10
R16
C16
Rotor colour
Red
Orange
Black
White
Code
R
C
Coding
Real Code
Complement Code
Code
2
Lead-free
Conventional Type
Lead-free Type
Supporter
(Shaft type only)
Number of Stopper Position
(In case of special order)
2
H S



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com