Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WCDDC6AS Fiches technique(PDF) 4 Page - OTAX Corporation

No de pièce WCDDC6AS
Description  LOW PROFILE ROTARY DIP SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OTAX [OTAX Corporation]
Site Internet  http://www.otax.co.jp/ehome/eindex.htm
Logo OTAX - OTAX Corporation

WCDDC6AS Fiches technique(HTML) 4 Page - OTAX Corporation

  WCDDC6AS Datasheet HTML 1Page - OTAX Corporation WCDDC6AS Datasheet HTML 2Page - OTAX Corporation WCDDC6AS Datasheet HTML 3Page - OTAX Corporation WCDDC6AS Datasheet HTML 4Page - OTAX Corporation WCDDC6AS Datasheet HTML 5Page - OTAX Corporation WCDDC6AS Datasheet HTML 6Page - OTAX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
W
SERIES
W
SERIES
DIP-RESISTOR SWITCHES (HYBRID)
• Tremendous production cost saving because of
resistor network incorporated inside the
housing, which greatly contributes to VA/VE.
• Tremendous time and cost saving in
component part procurement and inventory
control.
• Space saving because of the same size as IC.
• Auto-insertion, Auto-soldering and Auto-
cleaning.
• Environmentally sealed.
• Most stable and reliable contact because of
extremely high contact pressure
mechanism(200kg/mm2).
Series
Chip Selector
W C A S 8
1
Code
S
F
P
PA
Actuator
Slide
Flat Knob Slide
Piano(ON down)
Piano(ON up)
Code
2
4
6
8
0
Bit
2
4
6
8
10
Resistance Value
Code
332
103
Ω
3.3k
10.0k
Case Color
Red
Green
Tolerance
±5%
0
3
FEATURES
HOW TO ORDER
Example: 10k
Ω
10
3
Multiplier
(
103)
Significant
figure
ROTARY DIP-RESISTOR SWITCHES (HYBRID)
• Tremendous production cost saving because of
resistor network incorporated inside the
housing, which greatly contributes to VA/VE.
• Tremendous time and cost saving in
component part procurement and inventory
control.
• Space saving because of the same size as
standard Rotary-Dip-Switches w/o resistor.
• Environmentally sealed.
• Most stable and reliable contact because of
extremely high contact pressure
mechanism(100kg/mm2).
Series
Rotary Chip Selector
W C A D C 6
Code
D
S
E
M
W
Actuator
Driver
Shaft
Shaft Panel
Seal
Mini Shaft
Wheel
Code
R
C
Coding
Real code
Complement
code
Number of
stopper
Position; only
for Shaft &
Shaft Panel
Seal types.
Horizontal
Mounting
only.
Supporter
Mounting;
Shaft type
only.
Code
1
6
Step
10-Positions
16-positions
Code
3
1
Resistance Value
Ω
3.3k
10.0k
Case Color
Red
Grey
3
H S
FEATURES
HOW TO ORDER
W
SERIES
ROTARY DIP-DIODE SWITCHES (HYBRID)
• Tremendous production cost saving because of
the diode network incorporated inside the
housing, which greatly contributes to VA/VE.
• Tremendous time and cost saving in
component part procurement and inventory
control.
• Space saving because of the same size as
standard Rotary Dip Switches w/o diode.
• Auto-soldering and Auto-cleaning.
• Environmentally sealed.
• Most stable and reliable contact because of
extremely high contact pressure
mechanism(100kg/mm2).
Series
Rotary Dip Diodes
W C D E C 6
Code
D
S
E
M
W
Actuator
Driver
Shaft
Shaft Panel Seal
Mini shaft
Wheel
Code
R
C
Coding
Real code
Complement code
Number of
stopper
Position; only
for Shaft &
Shaft Panel
Seal types.
Horizontal
Mounting
only.
Supporter
Mounting;
Shaft type
only.
Code
1
6
Step
10-Positions
16-Positions
Code
A
K
Diode
Anode-Com
Cathode-Com
Case/Cover Color
Brown
Orange
A
H S
FEATURES
HOW TO ORDER



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com