Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC39RFS10 Fiches technique(PDF) 74 Page - Texas Instruments

No de pièce DAC39RFS10
Description  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS10 Fiches technique(HTML) 74 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 70Page - Texas Instruments DAC39RFS10 Datasheet HTML 71Page - Texas Instruments DAC39RFS10 Datasheet HTML 72Page - Texas Instruments DAC39RFS10 Datasheet HTML 73Page - Texas Instruments DAC39RFS10 Datasheet HTML 74Page - Texas Instruments DAC39RFS10 Datasheet HTML 75Page - Texas Instruments DAC39RFS10 Datasheet HTML 76Page - Texas Instruments DAC39RFS10 Datasheet HTML 77Page - Texas Instruments DAC39RFS10 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 176 page
background image
7.4.2 JESD204C Interface Modes
Each operational mode has a limited set of available interface formats (number of lanes, resolution).
7.4.2.1 JESD204C Interface Modes
The device JESD204C modes are configured with the parameters defined in Table 7-19, Table 7-20 and Table
7-21.
Table 7-19. JESD204C Interface Parameter Definitions
Parameter
Description
JMODE
JESD204C mode number. The user configures this parameter to choose a supported mode. Most other parameters
are derived from this setting. See Table 7-22.
LS
Lanes per sample stream. This is derived from JMODE. See Table 7-22.
LT
Ratio of clock to input sample rate. LT = FCLK / FINPUT. Not that DES2X mode does not affect the value of LT.
Interpolation factor 1-256x is programmed in the DUC_L register.
Lx
Maximum number of lanes used for a given JMODE. The link scales down the number of active lanes (L) depending
on how many channels are enabled. See JESD_M register.
Mx
Maximum number of streams for a given JMODE. Mx is computed automatically according to Table 7-22. The user
can specify the actual number of streams (M) using the JESD_M register.
R
Number of bits transmitted per lane per CLK cycle. Derived from JMODE and LT (see )Table 7-22. Based on R, the
user must program REFDIV, MPY, and RATE registers. Additionally, the maximum CLK frequency is a function of R.
SI
Sample Interleaving/Increment Factor. A value of 1 indicates that the standard transport layer mapping from the
JESD204C standard is used (samples are mapped linearly from 0 to S-1). A value greater than 1 indicates that an
alternate mapping is used as follows: Map samples starting with sample 0, incrementing the index by SI. Repeat this
as many times as necessary to map all S samples, starting each repetition at an index that is one larger than the
previous repetition. See JESD Format Diagrams JESD Format Diagrams.
KR
For 8b/10b operation, KR defines the legal values of K (frames per multiframe). The legal values are restricted
to facilitate upset immunity of the elastic buffer. The multiframe length is restricted to a multiple of the elastic
buffer depth of 64 characters (buffer depth is reduced to 32 characters if K=32 and F=1). For 8b/10b modes, K is
programmed via the KM1 register.
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
www.ti.com
74
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com