| Moteur de recherche de fiches techniques de composants électroniques |
|
DAC39RFS10 Fiches technique(PDF) 60 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC39RFS10 Fiches technique(HTML) 60 Page - Texas Instruments |
|
60 / 176 page ![]() Normalized Frequency (/FCLK) 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 -120 -110 -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 Figure 7-40. 192x Interpolation Filter Response Normalized Frequency (/FCLK) 0 0.0004 0.0008 0.0012 0.0016 0.002 -0.001 -0.0008 -0.0006 -0.0004 -0.0002 0 0.0002 0.0004 0.0006 0.0008 0.001 Figure 7-41. 192x Interpolation Filter Passband Response Normalized Frequency (/FCLK) 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 -120 -110 -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 Figure 7-42. 256x Interpolation Filter Response Normalized Frequency (/FCLK) 0 0.0004 0.0008 0.0012 0.0015625 -0.001 -0.0008 -0.0006 -0.0004 -0.0002 0 0.0002 0.0004 0.0006 0.0008 0.001 Figure 7-43. 256x Interpolation Filter Passband Response 7.3.6.1.2 Numerically Controlled Oscillator (NCO) Each DUC has an NCO block that is capable of phase continuous frequency hopping and phase coherent frequency hopping through a NCO with 64-bit frequency and 16-bit phase words. The NCO provides the complex sinusoid that is used for the complex mixing operation. The NCOs can also be used with DDS mode to generate a tone without using the DUC filter path. The NCO updates modes are either Phase-continuous (see Phase-continuous NCO Update Mode), Phase- coherent (see Phase-coherent NCO Update Mode or Phase-sync (see Phase-sync NCO Update Mode). The NCO frequency is written to the NCO frequency word register setting through either the standard SPI interface or through the Fast Reconfiguration (FR) interface, which allows for faster frequency updates. The frequency update occurs either as soon as the new frequency word is written or once triggered by the chosen trigger source. Available trigger sources are a SPI register, the SYSREF signal or by replacing the LSB of the I input signal with a sync signal (determined by the NCO_SYNC_SRC register). 7.3.6.1.2.1 Phase-Continuous NCO Update Mode In phase-continuous NCO update mode, the phase frequency is updated without reset of the phase accumulator, which maintains the current sinusoid phase when changing frequency to reduce discontinuities in the output response. Phase Continuous NCO Mode operation is demonstrated in Figure 7-44 and selected by programming NCO_CONT = 1 and NCO_AR = 0. DDS39RF12, DDS39RFS12 SBASB21 – SEPTEMBER 2024 www.ti.com 60 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: DDS39RF12 DDS39RFS12 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |