Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KPCSLMM1.F1 Fiches technique(PDF) 22 Page - OSRAM GmbH

No de pièce KPCSLMM1.F1
Description  Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KPCSLMM1.F1 Fiches technique(HTML) 22 Page - OSRAM GmbH

Back Button KPCSLMM1.F1 Datasheet HTML 17Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 18Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 19Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 20Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 21Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 22Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 23Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 24Page - OSRAM GmbH KPCSLMM1.F1 Datasheet HTML 25Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
KP CSLMM1.F1
DATASHEET
DATASHEET
22 | Version 1.1 | 2024-06-05
Disclaimer
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on our website.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest
sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of 
transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we
shall have to invoice you for any costs incurred.
Product and functional safety devices/applications or medical devices/applications
Our components are not developed, constructed or tested for the application as safety relevant component
or for the application in medical devices.
Our products are not qualified at module and system level for such application.
In case buyer – or customer supplied by buyer – considers using our components in product safety devices/
applications or medical devices/applications, buyer and/or customer has to inform our local sales partner
immediately and we and buyer and /or customer will analyze and coordinate the customer-specific request 
between us and buyer and/or customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25