Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBDELSS2.12 Fiches technique(PDF) 3 Page - OSRAM GmbH

No de pièce KBDELSS2.12
Description  The TOPLED E1608 expands ams OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBDELSS2.12 Fiches technique(HTML) 3 Page - OSRAM GmbH

  KBDELSS2.12 Datasheet HTML 1Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 2Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 3Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 4Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 5Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 6Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 7Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 8Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
KB DELSS2.12
DATASHEET
DATASHEET
3 | Version 1.3 | 2024-06-19
Ordering Information
Type
Luminous Intensity 1)
Ordering Code
I
F = 20 mA
I
v
KB DELSS2.12-THUH-34-2686
330 ... 610 mcd
Q65113A3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23