Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KBDELSS2.12 Fiches technique(PDF) 13 Page - OSRAM GmbH

No de pièce KBDELSS2.12
Description  The TOPLED E1608 expands ams OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBDELSS2.12 Fiches technique(HTML) 13 Page - OSRAM GmbH

Back Button KBDELSS2.12 Datasheet HTML 9Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 10Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 11Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 12Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 13Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 14Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 15Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 16Page - OSRAM GmbH KBDELSS2.12 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
KB DELSS2.12
DATASHEET
DATASHEET
13 | Version 1.3 | 2024-06-19
Recommended Solder Pad 9)
All products are packed in a dry pack bag (Moisture Barrier Bag, MBB) according MIL-PRF-81705, after opening the MBB the
products should go to reflow soldering process. Unused remaining LEDs should be protected from environment due to silver
plated soldering terminal. In order to maintain solderability it is recommended to protect the silver plated solder terminals from
corrosive environment before soldering. For superior solder joint connectivity results we recommend soldering under standard
nitrogen atmosphere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23