Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24LC256-I/MS Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce 24LC256-I/MS
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256-I/MS Fiches technique(HTML) 10 Page - Microchip Technology

Back Button 24LC256-I/MS Datasheet HTML 6Page - Microchip Technology 24LC256-I/MS Datasheet HTML 7Page - Microchip Technology 24LC256-I/MS Datasheet HTML 8Page - Microchip Technology 24LC256-I/MS Datasheet HTML 9Page - Microchip Technology 24LC256-I/MS Datasheet HTML 10Page - Microchip Technology 24LC256-I/MS Datasheet HTML 11Page - Microchip Technology 24LC256-I/MS Datasheet HTML 12Page - Microchip Technology 24LC256-I/MS Datasheet HTML 13Page - Microchip Technology 24LC256-I/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 10
© 2007 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTION
Each 24XX device supports a bidirectional, 2-wire bus
and data transmission protocol. A device that sends
data onto the bus is defined as a transmitter, while a
device receiving data is defined as a receiver. The bus
has to be controlled by a master device which gener-
ates the Serial Clock (SCL), controls the bus access
and generates the Start and Stop conditions, while the
24XX works as slave. Both master and slave can
operate as transmitter or receiver, but the master
device determines which mode is activated.
Block Diagram
HV Generator
EEPROM
Array
Page Latches*
YDEC
XDEC
Sense Amp.
R/W Control
M
emory
C
ontrol
L
ogic
I/O
C
ontrol
L
ogic
I/O
A0*A1*A2*
SDA
SCL
VCC
VSS
WP*
* A0, A1, A2, WP and page latches are not used by some
devices.
See Table 1-1, Device Selection Table, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42