Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24LC256-I/MS Fiches technique(PDF) 27 Page - Microchip Technology

No de pièce 24LC256-I/MS
Description  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256-I/MS Fiches technique(HTML) 27 Page - Microchip Technology

Back Button 24LC256-I/MS Datasheet HTML 23Page - Microchip Technology 24LC256-I/MS Datasheet HTML 24Page - Microchip Technology 24LC256-I/MS Datasheet HTML 25Page - Microchip Technology 24LC256-I/MS Datasheet HTML 26Page - Microchip Technology 24LC256-I/MS Datasheet HTML 27Page - Microchip Technology 24LC256-I/MS Datasheet HTML 28Page - Microchip Technology 24LC256-I/MS Datasheet HTML 29Page - Microchip Technology 24LC256-I/MS Datasheet HTML 30Page - Microchip Technology 24LC256-I/MS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21930B-page 27
24AAXX/24LCXX/24FCXX
Note:
T = Temperature range: I = Industrial, E = Extended
8-Lead MSOP (150 mil)
Example:
XXXXXXT
YWWNNN
4L8BI
2281L7
8-Lead MSOP Package Marking (Pb-free)
Device
Line 1
Marking
Device
Line 1
Marking
Device
Line 1
Marking
Device
Line 1
Marking
24AA01
4A01T
24LC01B
4L1BT
24AA014
4A14T
24LC014
4L14T
24C01C
4C1CT
24AA02
4A02T
24LC02B
4L2BT
24AA024
4A24T
24LC024
4L24T
24AA025
4A25T
24LC025
4L25T
24C02C
4C2CT
24AA04
4A04T
24LC04B
4L4BT
24AA08
4A08T
24LC08B
4L8BT
24AA16
4A16T
24LC16B
4L16T
24AA32A
4A32AT
24LC32A
4L32AT
24AA64
4A64T
24LC64
4L64T
24FC64
4F64T
24AA128
4A128T
24LC128
4L128T
24FC128
4F128T
24AA256
4A256T
24LC256
4L256T
24FC256
4F256T
Legend: XX...X
Part number or part number code
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn) plated devices
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42