| Moteur de recherche de fiches techniques de composants électroniques |
|
PS810 Fiches technique(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PS810 Fiches technique(HTML) 15 Page - Microchip Technology |
|
15 / 46 page ![]() © 2006 Microchip Technology Inc. DS21904C-page 15 PS810 TABLE 4-2: VALUE NAMES IN THE MEMORY 4.4.2 COMPENSATING FOR CELL AGING As lithium ion cells age, the voltage versus capacity curves become depressed. That is, the battery cell can no longer deliver as high of a voltage as it once could for a given capacity. The overall capacity loss is adjusted for by the relearning of full charge capacity. The End-Of-Discharge voltage points, which are voltage points at which a certain capacity remains, are adjusted using a scaling factor. The End-Of-Discharge voltage points will become lower with each cycle. A cycle is defined as a total amount of discharge capacity equal to full charge capacity. Cycle count is used to determine the age of the cells and the parameter, AgeFactor, determines the number of milli- volts that the voltage becomes depressed per cycle. AgeFactor is subtracted from the End-Of-Discharge voltage for every cycle the battery has been through. AgeFactor units are in eighths of millivolts. Thus, with the effect of aging, the actual End-Of-Discharge voltage becomes: EQUATION 4-2: TEOD(1) TEOD(2) TEOD(3) TEOD(4) TEOD(5) TEOD(6) TEOD(7) TEOD(7) CEOD(1) VEOD1(1) VEOD1(2) VEOD1(3) VEOD1(4) VEOD1(5) VEOD1(6) VEOD1(7) VEOD1(8) CEOD(2) VEOD2(1) VEOD2(2) VEOD2(3) VEOD2(4) VEOD2(5) VEOD2(6) VEOD2(7) VEOD2(8) CEOD(3) VEOD3(1) VEOD3(2) VEOD3(3) VEOD3(4) VEOD3(5) VEOD3(6) VEOD3(7) VEOD3(8) CEOD(4) VEOD4(1) VEOD4(2) VEOD4(3) VEOD4(4) VEOD4(5) VEOD4(6) VEOD4(7) VEOD4(8) CEOD(5) VEOD5(1) VEOD5(2) VEOD5(3) VEOD5(4) VEOD5(5) VEOD5(6) VEOD5(7) VEOD5(8) CEOD(6) VEOD6(1) VEOD6(2) VEOD6(3) VEOD6(4) VEOD6(5) VEOD6(6) VEOD6(7) VEOD6(8) CEOD(7) VEOD7(1) VEOD7(2) VEOD7(3) VEOD7(4) VEOD7(5) VEOD7(6) VEOD7(7) VEOD7(8) CEOD(7) VEOD8(1) VEOD8(2) VEOD8(3) VEOD8(4) VEOD8(5) VEOD8(6) VEOD8(7) VEOD8(8) FCCP(1) FCCP(2) FCCP(3) FCCP(4) FCCP(5) FCCP(6) FCCP(7) FCCP(8) VEODaged = VEOD – (CycleCount * AgeFactor * 0.125) mV |