| Moteur de recherche de fiches techniques de composants électroniques |
|
PS810 Fiches technique(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PS810 Fiches technique(HTML) 41 Page - Microchip Technology |
|
41 / 46 page ![]() © 2006 Microchip Technology Inc. DS21904C-page 41 PS810 11.0 PACKAGING INFORMATION 11.1 Packaging Marking Information XXXXXXX 16-Lead QFN XXXXXXX YYWWNNN PS810 Example /ML 0510017 14-Lead TSSOP XXXXXXXX YYWW NNN Example PS810 0510 017 3 e 3 e Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |