| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6546RT-E/MS Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6546RT-E/MS Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 32 page ![]() © 2006 Microchip Technology Inc. DS21714E-page 7 MCP6546/6R/6U/7/8/9 Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, VIN+=VDD/2, VIN– = GND, RPU =2.74kΩ to VPU =VDD, and CL =36pF. FIGURE 2-13: CMRR,PSRR vs. Ambient Temperature. FIGURE 2-14: Input Bias Current, Input Offset Current vs. Ambient Temperature. FIGURE 2-15: Quiescent Current vs. Common Mode Input Voltage at VDD =1.6V. FIGURE 2-16: Input Bias Current, Input Offset Current vs. Common Mode Input Voltage. FIGURE 2-17: Quiescent Current vs. Power Supply Voltage. FIGURE 2-18: Quiescent Current vs. Common Mode Input Voltage at VDD =5.5V. 55 60 65 70 75 80 85 90 -50 -25 0 25 50 75 100 125 Ambient Temperature (°C) Input Referred PSRR, VIN+ = VSS, VDD = 1.6V to 5.5V CMRR, VIN+ = -0.3 to 5.3V, VDD = 5.0V 0.1 1 10 100 1000 55 65 75 85 95 105 115 125 Ambient Temperature (°C) IB | IOS | VDD = 5.5V VCM = VDD 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 Common Mode Input Voltage (V) VDD = 1.6V Sweep VIN+, VIN– = VDD/2 Sweep VIN–, VIN+ = VDD/2 IQ does not include pull-up resistor current 0.1 1 10 100 1000 10000 0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.0 5.5 Common Mode Input Voltage (V) VDD = 5.5V 100f 100p 1p 10p 1n 10n IB, TA = +125°C IB, TA = +85°C IOS, TA = +125°C IOS, TA = +85°C 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5 Power Supply Voltage (V) TA = +125°C TA = +85°C TA = +25°C TA = -40°C 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 Common Mode Input Voltage (V) VDD = 5.5V Sweep VIN+, VIN– = VDD/2 Sweep VIN–, VIN+ = VDD/2 IQ does not include pull-up resistor current |