| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6546RT-E/MS Fiches technique(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6546RT-E/MS Fiches technique(HTML) 23 Page - Microchip Technology |
|
23 / 32 page ![]() © 2006 Microchip Technology Inc. DS21714E-page 23 MCP6546/6R/6U/7/8/9 8-Lead Plastic Micro Small Outline Package (MS) (MSOP) D A A1 L c α A2 E1 E p B n1 2 φ β F Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. .037 REF F Footprint (Reference) Notes: Revised 07-21-05 * Controlling Parameter Mold Draft Angle Top Mold Draft Angle Bottom Foot Angle Lead Width Lead Thickness β α c B φ .003 .009 .006 .012 Dimension Limits Overall Height Molded Package Thickness Molded Package Width Overall Length Foot Length Standoff Overall Width Number of Pins Pitch A L E1 D A1 E A2 .016 .024 .118 BSC .118 BSC .000 .030 .193 BSC .033 MIN p n Units .026 BSC NOM 8 INCHES 0.95 REF - - .009 .016 0.08 0.22 0° 0.23 0.40 8° MILLIMETERS* 0.65 BSC 0.85 3.00 BSC 3.00 BSC 0.60 4.90 BSC .043 .031 .037 .006 0.40 0.00 0.75 MIN MAX NOM 1.10 0.80 0.15 0.95 MAX 8 - - - 15° 5° - 15° 5° - JEDEC Equivalent: MO-187 0° - 8° 5° 5° - - 15° 15° - - -- BSC: Basic Dimension. Theoretically exact value shown without tolerances. REF: Reference Dimension, usually without tolerance, for information purposes only. See ASME Y14.5M See ASME Y14.5M Drawing No. C04-111 Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging |