Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2140-ISO Fiches technique(PDF) 49 Page - Microchip Technology

No de pièce MCP2140-ISO
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140-ISO Fiches technique(HTML) 49 Page - Microchip Technology

Back Button MCP2140-ISO Datasheet HTML 45Page - Microchip Technology MCP2140-ISO Datasheet HTML 46Page - Microchip Technology MCP2140-ISO Datasheet HTML 47Page - Microchip Technology MCP2140-ISO Datasheet HTML 48Page - Microchip Technology MCP2140-ISO Datasheet HTML 49Page - Microchip Technology MCP2140-ISO Datasheet HTML 50Page - Microchip Technology MCP2140-ISO Datasheet HTML 51Page - Microchip Technology MCP2140-ISO Datasheet HTML 52Page - Microchip Technology MCP2140-ISO Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21790A-page 49
MCP2140
B.1.7
OTHER OPTIONAL IrDA DATA
PROTOCOLS
Other IrDA data protocols have been developed to spe-
cific application requirements. These IrDA data proto-
cols are briefly described in the following subsections.
For additional information, please refer to the IrDA web
site (www.IrDA.org).
B.1.7.1
IrTran-P
IrTran-P provides the protocol to exchange images with
digital image capture devices/cameras.
B.1.7.2
IrOBEX
IrOBEX provides OBject EXchange services. This is
similar to HTTP.
B.1.7.3
IrLAN
IrLAN describes a protocol to support IR wireless
access to a Local Area Network (LAN).
B.1.7.4
IrMC
IrMC describes how mobile telephony and communica-
tion devices can exchange information. This informa-
tion includes phone book, calender and message data.
Also how call control and real-time voice are handled
(RTCON).
B.1.7.5
IrDA Lite
IrDA Lite describes how to reduce the application code
requirements, while maintaining compatibility with the
full implementation.
Note:
Not supported by MCP2140.
Note:
Not supported by MCP2140.
Note:
Not supported by MCP2140.
Note:
Not supported by MCP2140.
Note:
Not supported by MCP2140.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58