| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2140-ISO Fiches technique(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2140-ISO Fiches technique(HTML) 41 Page - Microchip Technology |
|
41 / 58 page ![]() 2003 Microchip Technology Inc. Preliminary DS21790A-page 41 MCP2140 6.0 PACKAGING INFORMATION 6.1 Package Marking Information 18-Lead PDIP (300 mil) Example: 18-Lead SOIC (300 mil) Example: 20-Lead SSOP (209 mil, 5.30 mm) Example: XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX XXXXXYYWWNNN XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX XXXXXYYWWNNN XXXXXXXXXXX XXXXXXXXXXX XXXYYWWNNN Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard device marking consists of Microchip part number, year code, week code and traceability code. MCP2140 I/SS XXX0352987 MCP2140-I/SO XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX XXXXX0352987 MCP2140-I/P XXXXXXXXXXXXXXXXX XXXXX0352987 |