| Moteur de recherche de fiches techniques de composants électroniques |
|
TC9401 Fiches technique(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC9401 Fiches technique(HTML) 14 Page - Microchip Technology |
|
14 / 24 page ![]() TC9400/9401/9402 DS21483C-page 14 © 2006 Microchip Technology Inc. 6.0 FREQUENCY-TO-VOLTAGE (F/V) CIRCUIT DESCRIPTION When used as an F/V converter, the TC9400 generates an output voltage linearly proportional to the input frequency waveform. Each zero crossing at the threshold detector’s input causes a precise amount of charge (q = CREF ∞ VREF) to be dispensed into the op amp’s summing junction. This charge, in turn, flows through the feedback resis- tor, generating voltage pulses at the output of the op amp. A capacitor (CINT) across RINT averages these pulses into a DC voltage, which is linearly proportional to the input frequency. |