| Moteur de recherche de fiches techniques de composants électroniques |
|
TC7135CPL Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7135CPL Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 24 page ![]() TC7135 DS21460C-page 2 2004 Microchip Technology Inc. Package Types 28-Pin PLCC 19 20 21 22 23 24 25 11 10 9 8 7 6 5 CLOCK IN RUN/HOLD TC7135 AZ IN POLARITY 12 13 14 15 17 18 DIGTAL GND BUSY D1 (LSD) D2 BUFF OUT REF CAP– REF CAP+ –INPUT V+ 4 3 2 1 27 26 28 16 +INPUT NOTE: NC = No internal connection. 44-Pin MQFP TC7135 4 3 2 12 13 14 10 9 8 7 6 5 16 11 17 18 19 20 21 22 33 32 31 30 29 28 27 26 25 B2 B1 D5 NC NC 24 15 38 37 36 35 34 44 43 42 41 40 39 23 1 NC D3 D4 B8 B4 NC REF IN COMMON ANALOG NC NC NC NC STROBE OVERRANGE UNDERRANGE V– NC TC7135 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 OVERRANGE B4 D3 D2 D1 (LSD) BUSY CLOCK IN POLARITY DIGiTAL GND UNDERRANGE B2 (LSB) B1 (MSD) D5 V+ +INPUT –INPUT CREF+ CREF– BUFF OUT AZ IN INT OUT ANALOG COM REF IN V– STROBE RUN/HOLD D4 B8 (MSB) 28-Pin PDIP 4 3 2 16 15 14 10 9 8 7 6 5 12 11 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 TC7135 64-Pin MQFP l 32 63 61 60 59 58 57 56 55 54 53 52 51 50 49 64 62 NC NC NC NC NC OVERRANGE UNDERRANGE NC V– REF IN ANALOG COM NC NC NC NC NC NC D5 NC NC NC NC D3 NC NC D4 B8 B4 B2 NC B1 NC 13 40 41 42 43 44 45 46 34 35 36 37 38 39 33 48 47 1 |