| Moteur de recherche de fiches techniques de composants électroniques |
|
TC7135CPL Fiches technique(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7135CPL Fiches technique(HTML) 16 Page - Microchip Technology |
|
16 / 24 page ![]() TC7135 DS21460C-page 16 2004 Microchip Technology Inc. 7.0 PACKAGING INFORMATION 7.1 Package Marking Information Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. 1 28-Pin PLCC 1 Example: 28-Pin PDIP (Wide) XXXXXXXXXX XXXXXXXXXX YYWWNNN M TC7135CLI 0444256 M *h XXXXXXXXXXXXXXX XXXXXXXXXXXXXXX XXXXXXXXXXXXXXX YYWWNNN Example: *h TC7135CPI 0444256 44-Pin MQFP Example: 64-Pin MQFP Example: XXXXXXXXXX XXXXXXXXXX YYWWNNN M XXXXXXXXXX TC7135CKW 0444256 M XXXXXXXXXX XXXXXXXXXX YYWWNNN M XXXXXXXXXX TC7135CBU 0444256 M |