Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7109 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce TC7109
Description  12-Bit 關A-Compatible Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109 Fiches technique(HTML) 2 Page - Microchip Technology

  TC7109 Datasheet HTML 1Page - Microchip Technology TC7109 Datasheet HTML 2Page - Microchip Technology TC7109 Datasheet HTML 3Page - Microchip Technology TC7109 Datasheet HTML 4Page - Microchip Technology TC7109 Datasheet HTML 5Page - Microchip Technology TC7109 Datasheet HTML 6Page - Microchip Technology TC7109 Datasheet HTML 7Page - Microchip Technology TC7109 Datasheet HTML 8Page - Microchip Technology TC7109 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TC7109/A
DS21456C-page 2
© 2006 Microchip Technology Inc.
Package Type
NC = No internal connection
TC7109A
TC7109
1
2
3
4
5
6
7
8
9
10
11
12
STATUS
13
14
15
16
17
18
19
20
POL
OR
TEST
LBEN
HBEN
CE/LOAD
REF OUT
IN HI
IN LO
COMMON
V+
SEND
RUN/HOLD
BUFF OSC OUT
OSC SEL
OSC IN
MODE
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
GND
OSC OUT
V-
BUFF
AZ
INT
REF IN+
REF CAP+
REF CAP-
REF IN-
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
27
28
29
30
31
32
33
7
4
3
2
1
INT
IN HI
12 13 14 15
17 18
AZ
NC
BUFF
44 43 42 41
39 38
40
16
37 36 35 34
19 20 21 22
26
8
REF OUT
25
9
24
10
SEND
23
11
5
6
TC7109ACKW
TC7109CKW
44-Pin PQFP
44-Pin PLCC
40-Pin PDIP/CERDIP
RUN/HOLD
V-
COMMON
IN LO
B9
B11
B10
B8
B7
NC
B6
B5
B4
B3
B2
33
34
35
36
37
38
39
13
10
9
8
7
INT
IN HI
18 19 20 21
23 24
AZ
NC
BUFF
6
543
1
44
2
22
43 42 41 40
25 26 27 28
32
14
REF OUT
31
15
30
16
SEND
29
17
11
12
TC7109ACLW
TC7109CLW
RUN/HOLD
V-
COMMON
IN LO
B9
B11
B10
B8
B7
NC
B6
B5
B4
B3
B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30