| Moteur de recherche de fiches techniques de composants électroniques |
|
TC7109 Fiches technique(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7109 Fiches technique(HTML) 14 Page - Microchip Technology |
|
14 / 30 page ![]() TC7109/A DS21456C-page 14 © 2006 Microchip Technology Inc. FIGURE 3-8: TC7109A Handshake – Typical UART Interface Timing FIGURE 3-9: TC7109A Handshake Triggered by Mode Input = Three-State High-Impedance Integrator Output Data Valid Internal Clock Internal Latch Status Output Mode Input Internal Mode Send Input (UART TBRE) CE/LOAD Output (UART TBRL) HBEN High Byte Data LBEN Low Byte Data = Don't Care UART Norm Terminates UART Mode Zero Crossing Detected Zero Crossing Occurs Send Sensed Send Sensed Send Sensed Data Valid Data Valid Data Valid Terminates UART Mode = Three-State High-Impedance Internal Clock Internal Latch Status Output Mode Input Internal Mode Send Input CE/LOAD as Output HBEN High Byte Data LBEN Low Byte Data = Don't Care = Three-State with Pull-up UART Norm Send Sensed Send Sensed Zero Crossing Detected Zero Crossing Occurs Status Output unchanged in UART Mode Latch Pulse inhibited in UART Mode Positive Transiton causes Entry into UART Mode DE Phase III Send Sensed |