Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

13009 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce 13009
Description  High voltage fast-switching NPN power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

13009 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button 13009 Datasheet HTML 3Page - STMicroelectronics 13009 Datasheet HTML 4Page - STMicroelectronics 13009 Datasheet HTML 5Page - STMicroelectronics 13009 Datasheet HTML 6Page - STMicroelectronics 13009 Datasheet HTML 7Page - STMicroelectronics 13009 Datasheet HTML 8Page - STMicroelectronics 13009 Datasheet HTML 9Page - STMicroelectronics 13009 Datasheet HTML 10Page - STMicroelectronics 13009 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ST13009
Package mechanical data
Doc ID 11491 Rev 3
9/11
TO-220 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c0.48
0.70
0.019
0.027
D
15.25
15.75
0.6
0.62
D1
1.27
0.050
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F1.23
1.32
0.048
0.051
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L3028.90
1.137
∅P
3.75
3.85
0.147
0.151
Q2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10 11