Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

13009 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce 13009
Description  High voltage fast-switching NPN power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

13009 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button 13009 Datasheet HTML 3Page - STMicroelectronics 13009 Datasheet HTML 4Page - STMicroelectronics 13009 Datasheet HTML 5Page - STMicroelectronics 13009 Datasheet HTML 6Page - STMicroelectronics 13009 Datasheet HTML 7Page - STMicroelectronics 13009 Datasheet HTML 8Page - STMicroelectronics 13009 Datasheet HTML 9Page - STMicroelectronics 13009 Datasheet HTML 10Page - STMicroelectronics 13009 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package mechanical data
ST13009
8/11
Doc ID 11491 Rev 3
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11