| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA8421 Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8421 Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 26 page ![]() May 1988 4 Philips Semiconductors Product specification Hi-fi stereo audio processor; I2C bus TDA8421 PINNING FUNCTIONAL DESCRIPTION Input selector The input to channel 1 (CH1) and channel 2 (CH2) is determined by the input selector. The selection is made from the following AF input signals: • IN1 L (pin 26); IN1 R (pin 28) or • IN2 L (pin 1); IN2 R (pin 3) Where IN1 is an internal input signal and IN2 an external input signal. Mode selector For each channel (CH1 and CH2) there is a mode selector which selects between stereo, sound A and sound B in the event of bilingual transmission. Both mode selectors can be controlled independently. Fig.2 Pinning diagram. |