Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8421 Fiches technique(PDF) 17 Page - NXP Semiconductors

No de pièce TDA8421
Description  Hi-fi stereo audio processor; I2C bus
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8421 Fiches technique(HTML) 17 Page - NXP Semiconductors

Back Button TDA8421 Datasheet HTML 13Page - NXP Semiconductors TDA8421 Datasheet HTML 14Page - NXP Semiconductors TDA8421 Datasheet HTML 15Page - NXP Semiconductors TDA8421 Datasheet HTML 16Page - NXP Semiconductors TDA8421 Datasheet HTML 17Page - NXP Semiconductors TDA8421 Datasheet HTML 18Page - NXP Semiconductors TDA8421 Datasheet HTML 19Page - NXP Semiconductors TDA8421 Datasheet HTML 20Page - NXP Semiconductors TDA8421 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
May 1988
17
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C bus
TDA8421
Fig.6 Timing requirements for I 2 C bus.
tSU; STA = start code set-up time
tHD; STA = start code hold time
tSU; STO = stop code set-up time
tBUF = BUS free time
tSU; DAT = data set-up time
tHD; DAT = DATA hold time
Fig.7
Distortion loudspeaker channel CH1 as a
function of the output voltage with gain as
parameter.
Fig.8
Distortion loudspeaker channel CH1 as a
function of the output voltage with input
voltage as parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26