Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8024 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce ST8024
Description  Smartcard interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button ST8024_06 Datasheet HTML 22Page - STMicroelectronics ST8024_06 Datasheet HTML 23Page - STMicroelectronics ST8024_06 Datasheet HTML 24Page - STMicroelectronics ST8024_06 Datasheet HTML 25Page - STMicroelectronics ST8024_06 Datasheet HTML 26Page - STMicroelectronics ST8024_06 Datasheet HTML 27Page - STMicroelectronics ST8024_06 Datasheet HTML 28Page - STMicroelectronics ST8024_06 Datasheet HTML 29Page - STMicroelectronics ST8024_06 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Package mechanical data
ST8024
26/30
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
10.8
11.0
0.425
0.433
Bo
18.2
18.4
0.716
0.724
Ko
2.9
3.1
0.114
0.122
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel SO-28 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30