Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST8024 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce ST8024
Description  Smartcard interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button ST8024_06 Datasheet HTML 20Page - STMicroelectronics ST8024_06 Datasheet HTML 21Page - STMicroelectronics ST8024_06 Datasheet HTML 22Page - STMicroelectronics ST8024_06 Datasheet HTML 23Page - STMicroelectronics ST8024_06 Datasheet HTML 24Page - STMicroelectronics ST8024_06 Datasheet HTML 25Page - STMicroelectronics ST8024_06 Datasheet HTML 26Page - STMicroelectronics ST8024_06 Datasheet HTML 27Page - STMicroelectronics ST8024_06 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Package mechanical data
ST8024
24/30
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.3
0.004
0.012
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.012
C
0.5
0.020
c1
45˚ (typ.)
D
17.70
18.10
0.697
0.713
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
16.51
0.650
F
7.40
7.60
0.291
0.300
L
0.50
1.27
0.020
0.050
S˚ (max.)
SO-28 MECHANICAL DATA
0016023
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30