| Moteur de recherche de fiches techniques de composants électroniques |
|
LM201AN Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM201AN Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 11 page ![]() LM101A - LM201A - LM301A 4/11 tr Rise (Vi = ±20mV, RL = 2kΩ,CL = 100pF, unity gain) 0.3 0.3 µs KOV Overshoot (Vi = 20mV, RL = 2kΩ,CL = 100pF, unity gain) 55 % Zi Input Impedance * 1.5 4 1.5 4 M Ω GBP Gain Bandwidth Product * (Vi = 10mV, RL = 2kΩ,CL = 100pF, f = 100KHz) 0.5 1 0.5 1 MHz THD Total Harmonic Distortion (f = 1kHz, Av = 20dB, RL = 2kΩ, Vo = 2Vpp, CL = 100pF) 0.015 0.015 % en Equivalent Input Noise Voltage f = 1kHz, Rs = 100Ω 25 25 1. May be improved up to 10V/µs in inverting amplifier configuration * ==> VCC = ±15V, Tamb = +25°C (unless otherwise specified) Symbol Parameter LM101A - LM201A LM301A Unit Min. Typ. Max. Min. Typ. Max. nV Hz ------------ |