Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM201AN Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce LM201AN
Description  SINGLE OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM201AN Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button LM201AN Datasheet HTML 3Page - STMicroelectronics LM201AN Datasheet HTML 4Page - STMicroelectronics LM201AN Datasheet HTML 5Page - STMicroelectronics LM201AN Datasheet HTML 6Page - STMicroelectronics LM201AN Datasheet HTML 7Page - STMicroelectronics LM201AN Datasheet HTML 8Page - STMicroelectronics LM201AN Datasheet HTML 9Page - STMicroelectronics LM201AN Datasheet HTML 10Page - STMicroelectronics LM201AN Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LM101A - LM201A - LM301A
10/11
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC DIP
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
6.6
0260
i
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060



Html Pages

1 2 3 4 5 6 7 8 9 10 11