| Moteur de recherche de fiches techniques de composants électroniques |
|
C408 Fiches technique(PDF) 12 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
C408 Fiches technique(HTML) 12 Page - Coilcraft lnc. |
|
12 / 60 page ![]() 12 www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595 1812FS Shielded Inductance Percent Q DCR max SRF typ I sat I rms Part number (µH) tolerance* min (Ohms) (MHz) (mA) (mA) 1812FS-102_LC 1.0 10,5 30 0.070 320 3100 2950 1812FS-122_LC 1.2 10,5 35 0.110 280 2800 2600 1812FS-152_LC 1.5 10,5 20 0.105 200 2100 2850 1812FS-222_LC 2.2 10,5 30 0.120 175 1800 2700 1812FS-242_LC 2.4 10,5 25 0.175 160 1900 2050 1812FS-272_LC 2.7 10,5 30 0.200 165 1400 2100 1812FS-332_LC 3.3 10,5 33 0.185 160 1400 1900 1812FS-392_LC 3.9 10,5 32 0.195 145 1300 1700 1812FS-472_LC 4.7 10,5 28 0.15 125 1000 1800 1812FS-562_LC 5.6 10,5 35 0.40 110 1000 1650 1812FS-682_LC 6.8 10,5 35 0.35 110 850 1450 1812FS-103_LC 10 10,5 35 0.55 90 710 1400 1812FS-153_LC 15 10,5 40 0.75 75 680 1150 1812FS-223_LC 22 10,5 45 0.85 15 600 855 1812FS-333_LC 33 10,5 45 1.1 10 540 820 1812FS-393_LC 39 10,5 45 1.1 9.8 500 710 1812FS-473_LC 47 10,5 45 1.2 8.0 390 645 1812FS-683_LC 68 10,5 45 1.8 14.2 260 650 1812FS-104_LC 100 10,5 45 2.5 4.5 260 520 1812FS-154_LC 150 10,5 40 3.8 3.4 220 475 1812FS-224_LC 220 10,5 45 5.4 3.0 180 390 1812FS-274_LC 270 10,5 35 6.5 2.0 150 350 1812FS-334_LC 330 10,5 45 6.8 3.0 150 310 1812FS-394_LC 390 10,5 35 7.6 2.6 140 310 1812FS-474_LC 470 10,5 35 8.7 2.10 130 280 1812FS-564_LC 560 10,5 20 11.2 1.60 110 280 1812FS-684_LC 680 10,5 25 12.7 1.90 100 250 1812FS-824_LC 820 10,5 25 16.8 1.45 90 210 1812FS-105_LC 1000 10,5 30 19.5 1.68 90 160 1812LS Inductance SRF typ DCR max I rms Part number ±5% (µH) Qmin (MHz) (Ohms) (mA) 1812LS-123XJLC 12 @ 2.5 MHz 42 @ 2.5 MHz 85 2.0 310 1812LS-153XJLC 15 @ 2.5 MHz 42 @ 2.5 MHz 70 2.5 290 1812LS-183XJLC 18 @ 2.5 MHz 45 @ 2.5 MHz 52 2.8 270 1812LS-223XJLC 22 @ 2.5 MHz 45 @ 2.5 MHz 58 3.2 260 1812LS-273XJLC 27 @ 2.5 MHz 45 @ 2.5 MHz 46 3.6 240 1812LS-333XJLC 33 @ 2.5 MHz 45 @ 2.5 MHz 40 4.0 230 1812LS-393XJLC 39 @ 2.5 MHz 45 @ 2.5 MHz 30 4.5 210 1812LS-473XJLC 47 @ 2.5 MHz 42 @ 2.5 MHz 24 5.0 200 1812LS-563XJLC 56 @ 2.5 MHz 42 @ 2.5 MHz 20 5.5 190 1812LS-683XJLC 68 @ 2.5 MHz 40 @ 2.5 MHz 16 6.0 180 1812LS-823XJLC 82 @ 2.5 MHz 40 @ 2.5 MHz 13.5 7.0 170 1812LS-104XJLC 100 @ 2.5 MHz 40 @ 2.5 MHz 12.0 8.0 150 1812LS-124XJLC 120 @ 0.79 MHz 33 @ 0.79 MHz 14.5 11.5 135 1812LS-154XJLC 150 @ 0.79 MHz 36 @ 0.79 MHz 11.3 13.0 125 1812LS-184XJLC 180 @ 0.79 MHz 36 @ 0.79 MHz 9.3 14.2 120 1812LS-224XJLC 220 @ 0.79 MHz 38 @ 0.79 MHz 7.6 16.2 115 1812LS-274XJLC 270 @ 0.79 MHz 38 @ 0.79 MHz 8.3 20.5 105 1812LS-334XJLC 330 @ 0.79 MHz 38 @ 0.79 MHz 7.0 22.5 100 1812LS-394XJLC 390 @ 0.79 MHz 38 @ 0.79 MHz 5.2 24.5 90 1812LS-474XJLC 470 @ 0.79 MHz 38 @ 0.79 MHz 4.4 26.5 85 1812LS-564XJLC 560 @ 0.79 MHz 33 @ 0.79 MHz 2.8 28.5 75 1812LS-684XJLC 680 @ 0.79 MHz 25 @ 0.79 MHz 2.3 38.0 60 1812LS-824XJLC 820 @ 0.79 MHz 25 @ 0.79 MHz 2.1 41.0 55 1812LS-105XJLC 1000 @ 0.79 MHz 30 @ 0.79 MHz 1.9 44.0 50 HA403x-AL High Q Inductance SRF typ DCR max I rms Part number ±2% (nH) Q typ (MHz) (Ohms) (mA) HA4031-ALC 150 @ 50 MHz 75 @ 50 MHz 860 0.100 1150 HA4032-ALC 180 @ 50 MHz 80 @ 50 MHz 850 0.105 1150 HA4033-ALC 220 @ 50 MHz 80 @ 50 MHz 700 0.110 940 HA4034-ALC 270 @ 50 MHz 85 @ 50 MHz 730 0.120 940 HA4035-ALC 330 @ 50 MHz 80 @ 50 MHz 600 0.135 850 HA4036-ALC 390 @ 50 MHz 80 @ 50 MHz 600 0.150 850 Dimensions (inches mm) Series A max B max C max D ref E F G 1206CS 0.140 3,56 0.085 2,16 0.060 1,52 0.020 0,51 0.056 1,42 0.020 0,51 0.080 2,03 1812CS 0.195 4,95 0.150 3,81 0.135 3,43 0.070 1,78 0.100 2,54 0.025 0,64 0.128 3,25 1812FS 0.231 5,87 0.196 4,98 0.150 3,81 0.107 2,72 0.100 2,54 0.025 0,64 0.128 3,25 1812LS 0.195 4,95 0.150 3,81 0.135 3,43 0.070 1,78 0.100 2,54 0.025 0,64 0.128 3,25 HA403x 0.195 4,95 0.150 3,81 0.135 3,43 0.070 1,78 0.100 2,54 0.025 0,64 0.128 3,25 PA669x 0.195 4,95 0.150 3,81 0.135 3,43 0.070 1,78 0.100 2,54 0.025 0,64 0.128 3,25 TA78xx 0.195 4,95 0.150 3,81 0.135 3,43 0.070 1,78 0.100 2,54 0.025 0,64 0.128 3,25 1812CS Inductance Percent SRF min DCR max I rms Part number (µH) tolerance* Q typ (MHz) (Ohms) (mA) 1812CS-102XJLC 1.0 @ 7.9 MHz 5 60 @ 50 MHz 310 1.2 480 1812CS-122XJLC 1.2 @ 7.9 MHz 5 62 @ 50 MHz 230 1.2 480 1812CS-152X_LC 1.5 @ 7.9 MHz 5,2 65 @ 50 MHz 210 1.6 430 1812CS-182XJLC 1.8 @ 7.9 MHz 5 68 @ 50 MHz 190 2.0 380 1812CS-222X_LC 2.2 @ 7.9 MHz 5,2 63 @ 50 MHz 170 2.2 340 1812CS-272X_LC 2.7 @ 7.9 MHz 5,2 63 @ 50 MHz 160 3.2 300 1812CS-332X_LC 3.3 @ 7.9 MHz 5,2 65 @ 50 MHz 145 3.8 270 1812CS-392X_LC 3.9 @ 7.9 MHz 5,2 69 @ 50 MHz 130 5.0 240 1812CS-472XJLC 4.7 @ 7.9 MHz 5 63 @ 50 MHz 115 5.4 230 1812CS-562XJLC 5.6 @ 7.9 MHz 5 59 @ 50 MHz 100 5.7 220 1812CS-682XJLC 6.8 @ 7.9 MHz 5 60 @ 50 MHz 90 6.6 210 1812CS-822X_LC 8.2 @ 7.9 MHz 5,2 47 @ 50 MHz 80 7.0 200 1812CS-103XJLC 10 @ 7.9 MHz 5 36 @ 50 MHz 70 7.7 190 1812CS-123XJLC 12 @ 2.5 MHz 5 35 @ 10 MHz 60 8.7 180 1812CS-153X_LC 15 @ 2.5 MHz 5,2 34 @ 10 MHz 50 9.6 170 1812CS-183XJLC 18 @ 2.5 MHz 5 30 @ 10 MHz 45 10.5 160 1812CS-223X_LC 22 @ 2.5 MHz 5,2 32 @ 10 MHz 40 11.5 155 1812CS-273XJLC 27 @ 2.5 MHz 5 29 @ 10 MHz 30 12.5 150 1812CS-333X_LC 33 @ 2.5 MHz 5,2 20 @ 10 MHz 20 13.5 145 * Bold numbers indicate tolerances carried in stock. When ordering, please replace underscore in part number with the proper tolerance code: F = 1%, G = 2%, J = 5%, K = 10%. (e.g. 1206CS-560XFEC for a 1% tolerance part.) TA78xx/PA669x Inductance SRF typ DCR max I rms Part number ±2% (nH) Q typ (MHz) (mOhms) (mA) TA7849-AEC 39 @ 50 MHz 49 @ 50 MHz 2487 120 1100 TA7850-AEC 47 @ 50 MHz 55 @ 50 MHz 1875 110 1100 TA7851-AEC 56 @ 50 MHz 55 @ 50 MHz 1908 126 920 TA7852-AEC 68 @ 50 MHz 55 @ 50 MHz 1972 149 900 PA6691-AEC 80 @ 50 MHz 61 @ 50 MHz 1345 140 900 PA6692-AEC 100 @ 50 MHz 62 @ 50 MHz 1245 160 860 PA6693-AEC 120 @ 50 MHz 67 @ 50 MHz 990 160 860 1206CS Inductance Percent SRF min DCR max Irms Part number (nH) tolerance* Q min (MHz) (Ohms) (mA) 1206CS-030XJEC 3.3 @ 100 MHz 5 30 @ 300 MHz 6200 0.050 1000 1206CS-060XJEC 6.8 @ 100 MHz 5 30 @ 300 MHz 5500 0.070 1000 1206CS-100XJEC 10 @ 100 MHz 5 40 @ 300 MHz 4000 0.080 1000 1206CS-120X_EC 12 @ 100 MHz 5,2 40 @ 300 MHz 3200 0.080 1000 1206CS-150X_EC 15 @ 100 MHz 5,2 40 @ 300 MHz 3200 0.100 1000 1206CS-180X_EC 18 @ 100 MHz 5,2 50 @ 300 MHz 2800 0.100 1000 1206CS-220X_EC 22 @ 100 MHz 5,2 50 @ 300 MHz 2200 0.100 1000 1206CS-270X_EC 27 @ 100 MHz 5,2 50 @ 300 MHz 1800 0.110 1000 1206CS-330X_EC 33 @ 100 MHz 5,2 55 @ 300 MHz 1800 0.110 1000 1206CS-390X_EC 39 @ 100 MHz 5,2 55 @ 300 MHz 1800 0.120 1000 1206CS-470X_EC 47 @ 100 MHz 5,2 55 @ 300 MHz 1500 0.130 1000 1206CS-560X_EC 56 @ 100 MHz 5,2,1 55 @ 300 MHz 1450 0.140 1000 1206CS-680X_EC 68 @ 100 MHz 5,2,1 55 @ 300 MHz 1200 0.260 900 1206CS-820X_EC 82 @ 100 MHz 5,2,1 55 @ 300 MHz 1200 0.210 900 1206CS-101X_EC 100 @ 100 MHz 5,2,1 55 @ 300 MHz 1100 0.260 850 1206CS-121X_EC 120 @ 100 MHz 5,2,1 60 @ 300 MHz 1100 0.260 800 1206CS-151X_EC 150 @ 100 MHz 5,2,1 60 @ 300 MHz 950 0.310 750 1206CS-181X_EC 180 @ 50 MHz 5,2,1 60 @ 300 MHz 900 0.430 700 1206CS-221X_EC 220 @ 50 MHz 5,2,1 60 @ 300 MHz 760 0.500 670 1206CS-271X_EC 270 @ 50 MHz 5,2,1 55 @ 300 MHz 730 0.560 630 1206CS-331X_EC 330 @ 50 MHz 5,2,1 45 @ 150 MHz 650 0.620 590 1206CS-391X_EC 390 @ 50 MHz 5,2,1 45 @ 150 MHz 600 0.750 530 1206CS-471X_EC 470 @ 50 MHz 5,2,1 45 @ 150 MHz 550 1.30 490 1206CS-561X_EC 560 @ 35 MHz 5,2,1 45 @ 150 MHz 470 1.34 460 1206CS-621X_EC 620 @ 35 MHz 5,2,1 45 @ 150 MHz 470 1.58 460 1206CS-681X_EC 680 @ 35 MHz 5,2,1 45 @ 150 MHz 450 1.58 430 1206CS-751X_EC 750 @ 35 MHz 5,2,1 45 @ 150 MHz 440 2.25 320 1206CS-821X_EC 820 @ 35 MHz 5,2,1 45 @ 150 MHz 420 1.82 400 1206CS-911X_EC 910 @ 35 MHz 5,2,1 45 @ 150 MHz 410 2.95 310 1206CS-102X_EC 1000 @ 35 MHz 5,2,1 45 @ 150 MHz 400 2.80 320 1206CS-122X_EC 1200 @ 35 MHz 5,2,1 45 @ 150 MHz 380 3.20 300 |