Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C408 Fiches technique(PDF) 42 Page - Coilcraft lnc.

No de pièce C408
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COILCRAFT [Coilcraft lnc.]
Site Internet  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C408 Fiches technique(HTML) 42 Page - Coilcraft lnc.

Back Button C408 Datasheet HTML 38Page - Coilcraft lnc. C408 Datasheet HTML 39Page - Coilcraft lnc. C408 Datasheet HTML 40Page - Coilcraft lnc. C408 Datasheet HTML 41Page - Coilcraft lnc. C408 Datasheet HTML 42Page - Coilcraft lnc. C408 Datasheet HTML 43Page - Coilcraft lnc. C408 Datasheet HTML 44Page - Coilcraft lnc. C408 Datasheet HTML 45Page - Coilcraft lnc. C408 Datasheet HTML 46Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
42
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
SD43
I
sat(A)
I
rms(A)
Inductance
DCRmax
SRFtyp 10%
20%
30%
20°C
40°C
Partnumber
(µH)
(Ohms)
(MHz)
drop
drop
drop
rise
rise
SD43-102MLC
1.0±20%
0.033
100
5.5
6.1
6.5
3.4
5.8
SD43-142MLC
1.4±20%
0.038
90
4.8
5.5
5.9
3.1
5.8
SD43-182MLC
1.8±20%
0.042
80
4.1
4.6
5.1
2.7
4.6
SD43-222MLC
2.2±20%
0.047
65
3.6
4.1
4.4
2.3
3.8
SD43-272MLC
2.7±20%
0.052
60
3.4
3.8
4.1
2.2
3.7
SD43-332MLC
3.3±20%
0.058
50
2.9
3.3
3.5
2.1
3.3
SD43-392MLC
3.9±20%
0.076
47
2.6
3.0
3.2
1.9
3.0
SD43-472MLC
4.7±20%
0.094
45
2.4
2.8
3.0
1.9
2.9
SD43-562MLC
5.6±20%
0.101
40
2.2
2.5
2.7
1.6
2.8
SD43-682MLC
6.8±20%
0.110
35
2.0
2.3
2.5
1.5
2.5
SD43-822MLC
8.2±20%
0.132
30
1.83
2.1
2.2
1.4
2.2
SD43-103MLC
10.0±20%
0.182
28
1.70
1.95
2.1
1.3
2.2
SD43-123MLC
12.0±20%
0.210
24
1.53
1.75
1.90
1.1
1.8
SD43-153MLC
15.0±20%
0.235
22
1.33
1.58
1.73
1.0
1.7
SD43-183MLC
18.0±20%
0.338
19
1.25
1.43
1.58
0.89
1.5
SD43-223MLC
22.0±20%
0.378
17
1.15
1.32
1.43
0.85
1.4
SD43-273MLC
27.0±20%
0.522
16
1.00
1.14
1.26
0.73
1.1
SD43-333KLC
33.0±10%
0.540
14
0.90
1.05
1.14
0.62
0.90
SD43-393KLC
39.0±10%
0.587
13
0.84
0.97
1.07
0.61
0.90
SD43-473KLC
47.0±10%
0.844
12
0.77
0.87
0.93
0.53
0.86
SD43-563KLC
56.0±10%
0.937
11
0.72
0.80
0.86
0.51
0.70
SD43-683KLC
68.0±10%
1.117
10
0.65
0.72
0.77
0.43
0.60
ME3220
I
sat(A)
I
rms(A)
Inductance
DCRmax
SRFtyp 10%
20%
30%
20°C
40°C
Partnumber
(µH)
(Ohms)
(MHz)
drop
drop
drop
rise
rise
ME3220-102MLC
1.0 ±20%
0.058
170.7
2.7
3.0
3.2
2.0
2.6
ME3220-152MLC
1.5 ±20%
0.068
138.0
2.2
2.5
2.7
1.6
2.2
ME3220-222MLC
2.2 ±20%
0.104
92.6
1.8
2.1
2.2
1.5
2.0
ME3220-332MLC
3.3 ±20%
0.138
75.6
1.5
1.6
1.7
1.4
1.6
ME3220-472MLC
4.7 ±20%
0.190
58.2
1.2
1.4
1.5
1.0
1.3
ME3220-562MLC
5.6 ±20%
0.200
52.5
1.1
1.3
1.4
1.0
1.3
ME3220-682MLC
6.8 ±20%
0.270
46.2
1.0
1.1
1.2
0.88
1.1
ME3220-822MLC
8.2 ±20%
0.290
45.2
0.98
1.0
1.1
0.80
1.0
ME3220-103KLC
10 ±10%
0.434
39.9
0.78
1.0
1.1
0.63
0.87
ME3220-123KLC
12 ±10%
0.470
37.5
0.76
0.88
0.98
0.61
0.84
ME3220-153KLC
15 ±10%
0.520
32.5
0.70
0.80
0.90
0.58
0.83
ME3220-183KLC
18 ±10%
0.696
31.7
0.66
0.75
0.80
0.49
0.70
ME3220-223KLC
22 ±10%
0.787
29.4
0.59
0.67
0.71
0.47
0.64
ME3220-273KLC
27 ±10%
1.19
26.1
0.56
0.63
0.67
0.40
0.54
ME3220-333KLC
33 ±10%
1.27
23.0
0.50
0.57
0.60
0.39
0.53
ME3220-393KLC
39 ±10%
1.38
22.6
0.45
0.51
0.54
0.34
0.47
ME3220-473KLC
47 ±10%
1.80
20.7
0.40
0.46
0.49
0.30
0.45
ME3220-563KLC
56 ±10%
2.10
20.3
0.37
0.42
0.45
0.27
0.43
ME3220-683KLC
68 ±10%
2.30
16.3
0.34
0.38
0.41
0.26
0.38
ME3220-823KLC
82 ±10%
3.00
13.7
0.30
0.34
0.36
0.25
0.34
ME3220-104KLC
100 ±10%
3.50
13.3
0.28
0.32
0.34
0.24
0.32
ME3215
I
sat(A)
I
rms(A)
Inductance
DCRmax
SRFtyp 10%
20%
30%
20°C
40°C
Partnumber
(µH)
(Ohms)
(MHz)
drop
drop
drop
rise
rise
ME3215-102MLC
1.0±20%
0.058
100
2.32
2.62
2.80
1.70
2.30
ME3215-222MLC
2.2±20%
0.107
64
1.62
1.84
2.00
1.30
1.70
ME3215-332MLC
3.3±20%
0.170
55
1.22
1.40
1.50
1.05
1.45
ME3215-472MLC
4.7±20%
0.245
43
1.06
1.20
1.30
0.83
1.14
ME3215-103KLC
10±10%
0.505
26
0.71
0.81
0.85
0.60
0.79
ME3215-153KLC
15±10%
0.773
26
0.58
0.65
0.70
0.48
0.65
ME3215-223KLC
22±10%
1.00
19
0.50
0.57
0.61
0.42
0.56
ME3215-333KLC
33±10%
1.48
17
0.42
0.47
0.51
0.35
0.48
ME3215-473KLC
47±10%
2.33
15
0.33
0.38
0.41
0.35
0.48
ME3215-683KLC
68±10%
3.40
12
0.28
0.31
0.34
0.24
0.32
ME3215-104KLC
100±10%
4.67
10
0.23
0.26
0.27
0.18
0.25
Dimensions (inches mm)
Series
A max
B max
C max
D
ME3215
0.138 3,5
0.110 2,8
0.067 1,70
0.035 0,90
ME3220
0.138 3,5
0.110 2,8
0.095 2,40
0.043 1,1
A
BC
D
Dimensions (inches mm)
Series
A max
B max
C max
D
E
DO1606T
0.210 5,30
0.260 6,60
0.079 2,00
0.080 2,00
0.029 0,74
LPO2506I
0.310 7,24
0.360 9,14
0.061 1,55
0.190 4,83
0.030 0,76
LPO2506O
0.310 7,24
0.360 9,14
0.065 1,65
0.190 4,83
0.030 0,76
LPO6610
0.216 5,50
0.260 6,60
0.040 1,00
0.100 2,54
0.029 0,75
A
B
D
E
C
DO1606T
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
±20% (µH)
(Ohms)
(MHz)
10% drop
(A)
DO1606T-102MLC
1.0
0.04
230
2.5
2.3
DO1606T-152MLC
1.5
0.06
180
2.2
2.1
DO1606T-222MLC
2.2
0.07
140
1.8
1.7
DO1606T-332MLC
3.3
0.12
110
1.4
1.3
DO1606T-472MLC
4.7
0.15
100
1.2
1.1
DO1606T-682MLC
6.8
0.20
80
1.1
1.0
DO1606T-822MLC
8.2
0.23
70
1.0
0.95
DO1606T-103MLC
10
0.30
60
1.0
0.90
DO1606T-153MLC
15
0.40
45
0.8
0.70
DO1606T-223MLC
22
0.54
35
0.6
0.50
DO1606T-333MLC
33
0.74
30
0.5
0.45
DO1606T-473MLC
47
1.1
22
0.45
0.40
DO1606T-683MLC
68
1.6
20
0.35
0.35
DO1606T-104MLC
100
2.3
15
0.30
0.30
DO1606T-154MLC
150
3.5
10
0.25
0.25
DO1606T-224MLC
220
5.7
9
0.20
0.18
DO1606T-334MLC
330
8.2
8
0.16
0.16
DO1606T-474MLC
470
10.8
7
0.14
0.12
DO1606T-684MLC
680
17.2
5
0.12
0.10
DO1606T-105MLC
1000
22.6
4
0.08
0.08
LPO2506
In-board style
On-board style
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
part number
part number
±20% (µH)
(Ohms)
(MHz)
10% drop
(A)
LPO2506I-472LC
LPO2506O-472LC
4.7
0.145
90
1.6
1.9
LPO2506I-682LC
LPO2506O-682LC
6.8
0.165
75
1.3
1.7
LPO2506I-822LC
LPO2506O-822LC
8.2
0.200
65
1.0
1.5
LPO2506I-103LC
LPO2506O-103LC
10
0.240
60
1.0
1.5
LPO2506I-153LC
LPO2506O-153LC
15
0.300
45
0.90
1.3
LPO2506I-223LC
LPO2506O-223LC
22
0.420
35
0.70
1.0
LPO2506I-333LC
LPO2506O-333LC
33
0.550
30
0.60
0.90
LPO2506I-473LC
LPO2506O-473LC
47
0.765
22
0.50
0.70
LPO2506I-683LC
LPO2506O-683LC
68
1.10
20
0.40
0.60
LPO2506I-104LC
LPO2506O-104LC
100
1.60
15
0.30
0.50
LPO2506I-154LC
LPO2506O-154LC
150
2.50
12
0.25
0.40
LPO2506I-224LC
LPO2506O-224LC
220
3.65
10
0.22
0.32
LPO2506I-334LC
LPO2506O-334LC
330
4.65
8.0
0.18
0.28
LPO2506I-474LC
LPO2506O-474LC
470
6.75
6.5
0.14
0.24
LPO2506I-684LC
LPO2506O-684LC
680
9.15
5.5
0.12
0.20
LPO2506I-105LC
LPO2506O-105LC
1000
14.2
4.5
0.10
0.16
LPO6610
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
±20% (µH)
(Ohms)
(MHz)
10% drop
(A)
LPO6610-122MLC
1.2
0.08
190
2.1
1.7
LPO6610-152MLC
1.5
0.10
140
1.9
1.5
LPO6610-222MLC
2.2
0.12
115
1.6
1.4
LPO6610-332MLC
3.3
0.16
90
1.3
1.2
LPO6610-472MLC
4.7
0.20
88
1.1
1.1
LPO6610-682MLC
6.8
0.32
66
0.90
0.85
LPO6610-103MLC
10
0.41
55
0.80
0.75
LPO6610-153MLC
15
0.55
42
0.65
0.60
LPO6610-223MLC
22
0.85
38
0.50
0.52
LPO6610-333MLC
33
1.3
29
0.40
0.42
LPO6610-473MLC
47
1.8
22
0.35
0.36
LPO6610-683MLC
68
2.5
18
0.30
0.30
LPO6610-104MLC
100
3.5
14
0.25
0.26
LPO6610-154MLC
150
5.0
12
0.18
0.21
LPO6610-224MLC
220
7.0
10
0.16
0.18
LPO6610-334MLC
330
15.0
8
0.13
0.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60