| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA4841 Fiches technique(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA4841 Fiches technique(HTML) 32 Page - NXP Semiconductors |
|
32 / 60 page ![]() 1999 Oct 25 32 Philips Semiconductors Product specification I2C-bus autosync deflection controller for PC monitors TDA4841PS Fig.15 Pulse diagram for horizontal part. handbook, full pagewidth + - + – horizontal sync pulse PLL2 control current at HPLL2 (pin 30) PLL1 control current at HPLL1 (pin 26) line flyback pulse at HFLB (pin 1) horizontal oscillator sawtooth at HCAP (pin 29) line drive pulse at HDRV (pin 8) triggered on trailing edge of horizontal sync video clamping pulse at CLBL (pin 16) vertical blanking level horizontal focus parabola at FOCUS (pin 32) PLL2 control range 45 to 52% of line period MGS275 |