| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA4841 Fiches technique(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA4841 Fiches technique(HTML) 29 Page - NXP Semiconductors |
|
29 / 60 page ![]() 1999 Oct 25 29 Philips Semiconductors Product specification I2C-bus autosync deflection controller for PC monitors TDA4841PS Fig.7 IVOUT1 and IVOUT2 as functions of time. (1) ∆I1 is the maximum amplitude setting at register VSIZE = 127 and register VOVSCN = 0. VLINBAL I ∆ 1 I ∆ 2 – 2I 1 ∆ × ---------------------- 100% × = handbook, halfpage t IVOUT1 IVOUT2 ∆I1(1) ∆I2 MGM068 Fig.8 Parabola amplitude at pin EWDRV as a function of time. handbook, halfpage t VEWDRV VHPIN(EWDRV) MGM069 Fig.9 Influence of corner correction at pin EWDRV. handbook, halfpage t VEWDRV VHCOR(EWDRV) MGM070 Fig.10 Influence of trapezium at pin EWDRV. handbook, halfpage t VEWDRV VHTRAP(EWDRV) MGM071 |