| Moteur de recherche de fiches techniques de composants électroniques |
|
EV-RPG2-PNZ Fiches technique(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EV-RPG2-PNZ Fiches technique(HTML) 12 Page - Analog Devices |
|
12 / 21 page ![]() Data Sheet ADIN2299 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS analog.com Rev. D | 12 of 21 Table 9. Ball Function Descriptions (Continued) Ball No. Mnemonic Direction Description U7 SYNC1 Output REM Switch Synchronization Signal. This signal can be connected to the applications processor for use in isochronous control applications. U8 TIMER6 Output Internal Precision Timer 6 Synchronization Output. U10 TIMER3 Input and output Internal Precision Timer 3 Synchronization Signal. U11 TIMER2 Input and output Internal Precision Timer 2 Synchronization Signal. U12 P2_LINK_STATUS Output Port 2 Link Status from PHY. U13 P2_RD_N Input and output Physical Receive or Transmit Signal (Negative Differential) for Port 2. U14 P2_RD_P Input and output Physical Receive or Transmit Signal (Positive Differential) for Port 2. U15 P2_TD_N Input and output Physical Transmit or Receive Signal (Negative Differential) for Port 2. U16 P2_TD_P Input and output Physical Transmit or Receive Signal (Positive Differential) for Port 2. |