Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EV-RPG2-PNZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce EV-RPG2-PNZ
Description  Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design Solutions with Precertified Protocols
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-PNZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button EV-RPG2-PNZ Datasheet HTML 3Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 4Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 5Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 6Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 7Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 8Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 9Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 10Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
ADIN2299
SPECIFICATIONS
analog.com
Rev. D | 7 of 21
SPI Follower Interface Timing
Table 6 and Figure 5 describe the SPI port follower timing specifications. Note that, in SPI follower mode, the SPI clock is supplied externally
(fSPICLKEXT). To calculate the timing for the external SPI clock, use the following equation:
tSPICLKEXT = 1/fSPICLKEXT
Table 6. SPI Port Follower Timing
Parameter
Description
Min
Max
Unit
fSPICLKEXT
SPI0_CLK Frequency
10
MHz
tSPICHS
SPI0_CLK High Period
0.5 × tSPICLKEXT – 1
ns
tSPICLS
SPI0_CLK Low Period
0.5 × tSPICLKEXT–1
ns
tSPICLK
SPI0_CLK Period
tSPICLKEXT–1
ns
tHDS
Last SPI0_CLK Edge to SPI0_SEL3_SS Not Asserted
5
ns
tSPITDS
Sequential Transfer Delay
tSPICLK – 1
ns
tSDSCI
SPI0_SEL3_SS Assertion to First SPI_CLK Edge
10.5
ns
tSSPID
Data Input Valid to SPI0_CLK Edge (Data Input Setup)
2
ns
tHSPID
SPI0_CLK Sampling Edge to Data Input Invalid
1.6
ns
tDSOE
SPI0_SEL3_SS Assertion to Data Out Active
0
14
ns
tDSDHI
SPI0_SEL3_SS Deassertion to Data High Impedance
0
12.5
ns
tDDSPID
SPI0_CLK Edge to Data Out Valid (Data Out Delay)
14
ns
tHDSPID
SPI0_CLK Edge to Data Out Invalid (Data Out Hold)
0
ns
Figure 5. SPI Follower Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21