| Moteur de recherche de fiches techniques de composants électroniques |
|
ADIN2111BCPZ-R7 Fiches technique(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADIN2111BCPZ-R7 Fiches technique(HTML) 3 Page - Analog Devices |
|
3 / 129 page ![]() Data Sheet ADIN2111 TABLE OF CONTENTS analog.com Rev. A | 3 of 129 Change to Disable Software Power-Down Mode After Reset Section...........................................................25 Changes to Switch Initialization Section........................................................................................................ 26 Changes to Set 2.4 V p-p Transmit Level as Preferred Section.................................................................... 26 Added Time Domain Reflectometry (TDR) Section and Figure 16; Renumbered Sequentially.....................32 Added Fault Detection with the TDR Engine Section ................................................................................... 33 Added TDR Offset Calibration Section ......................................................................................................... 33 Added Cable Calibration Section .................................................................................................................. 33 Added Length/Distance to Fault Accuracy Section .......................................................................................33 Changed Crystal Section to External Crystal Oscillator Section ...................................................................36 Changes to External Crystal Oscillator Section and Figure 20 ..................................................................... 36 Changed External Clock Input Section to External 25 MHz Clock Input Section ..........................................37 Changes to External 25 MHz Clock Input Section and Figure 21..................................................................37 Added SPI Section ........................................................................................................................................38 Change to Time Stamp Capture Section....................................................................................................... 39 Changes to Transmit Frame over SPI Section...............................................................................................40 Changes to Control Transactions Section and Table 41................................................................................46 Changes to OPEN Alliance SPI Errors Section............................................................................................. 47 Added Switch Section.................................................................................................................................... 50 Changes to Table 55......................................................................................................................................63 Change to Frame Checker Odd Nibble Frame Count Register Section...................................................... 124 Change to Frame Checker False Carrier Count Register Section...............................................................124 Updated Outline Dimensions....................................................................................................................... 129 Changes to Ordering Guide.........................................................................................................................129 12/2021—Revision 0: Initial Version |