Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADIN2111BCPZ-R7 Fiches technique(PDF) 28 Page - Analog Devices

No de pièce ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Fiches technique(HTML) 28 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 129 page
background image
Data Sheet
ADIN2111
BRINGING UP 10BASE-T1L LINKS
analog.com
Rev. A | 28 of 129
a second time to determine if the link status has come up in the
interim (see the Latch Low Registers section).
If the link is dropped, the autonegotiation process restarts automati-
cally. Autonegotiation can be restarted by a request through a write
to the autonegotiation restart bit (AN_RESTART) in the BASE-T1
autonegotiation control register (AN_CONTROL) of the respective
PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More