Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7293 Fiches technique(PDF) 16 Page - Analog Devices

No de pièce AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7293 Fiches technique(HTML) 16 Page - Analog Devices

Back Button AD7293 Datasheet HTML 12Page - Analog Devices AD7293 Datasheet HTML 13Page - Analog Devices AD7293 Datasheet HTML 14Page - Analog Devices AD7293 Datasheet HTML 15Page - Analog Devices AD7293 Datasheet HTML 16Page - Analog Devices AD7293 Datasheet HTML 17Page - Analog Devices AD7293 Datasheet HTML 18Page - Analog Devices AD7293 Datasheet HTML 19Page - Analog Devices AD7293 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
AD7293
Data Sheet
Rev. D | Page 16 of 79
Pin Number
Mnemonic
Description
56
GPIO0/IS BLANK
General-Purpose Input/Output 0 Pin (GPIO0, Default). This pin is an open-drain output in
GPIO mode. The polarity of this pin is register selectable. A pull-up resistor connected to VDRIVE
is required in GPIO mode or if unused.
Current Sensor Conversion Blank Pin (IS BLANK). This pin can blank current sensor
conversions and the polarity of this pin is register selectable.
EPAD
Exposed Pad. The exposed pad is located on the underside of the package. Connect the
exposed pad to AVSS using multiple vias or leave it floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79