Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7293 Fiches technique(PDF) 65 Page - Analog Devices

No de pièce AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7293 Fiches technique(HTML) 65 Page - Analog Devices

Back Button AD7293 Datasheet HTML 61Page - Analog Devices AD7293 Datasheet HTML 62Page - Analog Devices AD7293 Datasheet HTML 63Page - Analog Devices AD7293 Datasheet HTML 64Page - Analog Devices AD7293 Datasheet HTML 65Page - Analog Devices AD7293 Datasheet HTML 66Page - Analog Devices AD7293 Datasheet HTML 67Page - Analog Devices AD7293 Datasheet HTML 68Page - Analog Devices AD7293 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 79 page
background image
Data Sheet
AD7293
Rev. D | Page 65 of 79
Table 102. Supply and BI-VOUTxMON ALERT0 Register (Register 0x18)
Bit Number(s)
Bit Name
Description
D15
BI-VOUT3MON high
0: no routing (default)
1: high alert on the corresponding channel routes to the ALERT0 pin
D14
BI-VOUT2MON high
0: no routing (default)
1: high alert on the corresponding channel routes to the ALERT0 pin
D13
BI-VOUT1MON high
0: no routing (default)
1: high alert on the corresponding channel routes to the ALERT0 pin
D12
BI-VOUT0MON high
0: no routing (default)
1: high alert on the corresponding channel routes to the ALERT0 pin
D11
AVSS high
0: no routing (default)
1: high alert on the corresponding channel routes to the ALERT0 pin
D10
DACVDD-BI high
0: no routing (default)
1: high alert on the corresponding channel routes to the ALERT0 pin
D9
DACVDD-UNI high
0: no routing (default)
1: high alert on the corresponding channel routes to the ALERT0 pin
D8
AVDD high
0: no routing (default)
1: high alert on the corresponding channel routes to the ALERT0 pin
D7
BI-VOUT3MON low
0: no routing (default)
1: low alert on the corresponding channel routes to the ALERT0 pin
D6
BI-VOUT2MON low
0: no routing (default)
1: low alert on the corresponding channel routes to the ALERT0 pin
D5
BI-VOUT1MON low
0: no routing (default)
1: low alert on the corresponding channel routes to the ALERT0 pin
D4
BI-VOUT0MON low
0: no routing (default)
1: low alert on the corresponding channel routes to the ALERT0 pin
D3
AVSS low
0: no routing (default)
1: low alert on the corresponding channel routes to the ALERT0 pin
D2
DACVDD-BI low
0: no routing (default)
1: low alert on the corresponding channel routes to the ALERT0 pin
D1
DACVDD-UNI low
0: no routing (default)
1: low alert on the corresponding channel routes to the ALERT0 pin
D0
AVDD low
0: no routing (default)
1: low alert on the corresponding channel routes to the ALERT0 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79